PART |
Description |
Maker |
IRFZ44VZ IRFZ44VZL IRFZ44VZS IRFZ44VZPBF |
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 57A条) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STN3NE06 4877 |
N-Channel 60V-0.08Ω-3A - SOT-223 STripFETTM Power MOSFET(N沟道功率MOSFE N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET N - CHANNEL 60V - 0.08W - 3A - SOT-223 STripFET] POWER MOSFET From old datasheet system
|
意法半导 STMicroelectronics
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
IRFZ48V IRFZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
|
IRF[International Rectifier]
|
IRFP044 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
|
International Rectifier Power MOSFET
|
STP36NE06FP STP36NE06 5994 |
N-Channel 60V-0.032Ω-36A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.032Ω- 36A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.032 - 36A - TO-220/TO-220FP STripFETTM POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
ZXMP6A13FTC ZXMP6A13F ZXMP6A13FTA |
P-channel MOSFET 60V P-CHANNEL ENHANCEMENT MODE MOSFET MOSFET P-CH 60V 900MA SOT-23 900 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ZETEX[Zetex Semiconductors] Electronic Theatre Controls, Inc. Zetex Semiconductor PLC
|
FQB50N06L FQI50N06L FQB50N06 FQI50N06 FQI50N06LTU |
60V LOGIC N-Channel MOSFET 52.4 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 60V N-Channel Logic level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STD16NF06L STD16NF06LT4 STD16NF06L-1 |
N-CHANNEL 60V - 0.060 - 24A DPAK/IPAK STripFET II POWER MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.060 & - 16A DPAK STripFET II POWER MOSFET
|
ST Microelectronics
|
STB16NF06L 8583 STB16NF06LT4 |
16 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET⑩ POWER MOSFET From old datasheet system N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET POWER MOSFET N-CHANNEL 60V - 0.07 OHM - 16A D2PAK STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDMS5352 |
N-Channel Power Trench? MOSFET 60V, 49A, 6.7mΩ N-Channel Power Trench㈢ MOSFET 60V, 49A, 6.7mヘ
|
Fairchild Semiconductor
|